Part Number Hot Search : 
IN74ACT V30LL EKK8301 XP01531 BU807TU 78M06 SM6TY VB9010
Product Description
Full Text Search
 

To Download AQH3223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE Pending (AQH1213, AQH1223, AQH2213, AQH2223) (AQH0213, AQH0223, AQH3213, AQH3223)
VDE
AQ-H SOLID STATE RELAY
AQ-H RELAYS
5. High dielectric strength: 5,000 V AC (between input and output) 6. Two types available: Zero-cross type and Non-zero-cross type
FEATURES
1. Compact DIP type SSR that's ideal for AC load control 2. Supports 0.3 A, 0.6 A, 0.9 A and 1.2 A ON-state RMS currents. 3. The 1.2 A type saves space with a DIP 8-pin package. (Competitor only provides a 16-pin type.)
9.78 .385 6.4 .252
- 1 + 2 - 3 - 4
ZC Zero-cross circuit
- 81 + 2 - 63 - 54
8
TYPICAL APPLICATIONS
1. Home appliances (air conditioners, microwave ovens, washing machines, personal hygiene systems, refrigerators, fan heaters, inductive heating cooker, and water heaters, etc.) 2. Industrial equipment market.
6 5
DIP8
DIP16
(mm inch)
19.82 .780
4. Only ours handles both 100 and 200 V AC loads This relay handles both voltages in a single product. It is not necessary for users that use both types to manage separate part numbers.
TYPES
Part No. Output rating* Type Repetitive ON-state peak OFFRMS current state voltage 0.3 A 0.6 A 0.9 A 1.2 A 0.3 A 0.6 A 0.9 A 1.2 A Type Through hole terminal Tube packing style AQH0213 AQH1213 AQH2213 AQH3213 AQH0223 AQH1223 AQH2223 AQH3223 AQH0213A AQH1213A AQH2213A AQH3213A AQH0223A AQH1223A AQH2223A AQH3223A Surface-mount terminal Packing quantity
Zero-cross
AC type
600 V
Non zero-cross
Tape and reel packing style Tape and Tube Picked from the Picked from the reel 1/2/3/4-pin side 5/6/8-pin side AQH0213AX AQH0213AZ AQH1213AX AQH1213AZ AQH2213AX AQH2213AZ 1 tube contains AQH3213AX AQH3213AZ 40 pcs. 1,000 pcs. AQH0223AX AQH0223AZ 1 batch contains 400 pcs. AQH1223AX AQH1223AZ AQH2223AX AQH2223AZ AQH3223AX AQH3223AZ
*Indicate the repetitive peak OFF-state voltage and ON-state RMS current: peak AC. Note: For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Repetitive peak OFF-state votage Output ON-state RMS current Non-repetitive surge current I/O isolation voltage Temperature limits Operating Storage Symbol AQH0213 AQH0223 AQH1213 AQH1223 AQH2213 AQH2223 AQH3213 AQH3223 IF 50 mA VR 6V IFP VDRM IT(RMS) ITSM Viso Topr Tstg 1A 600 V 0.3 A 3A 0.6 A 6A 5,000 V AC -30C to +85C -22F to +185F -40C to +125C -40F to +257F Non-condensing at low temperatures 0.9 A 9A 1.2 A 12 A 60Hz, 1 cycle Remarks
Input
f = 100 Hz, Duty Ratio = 0.1%
AQ-H SOLID STATE RELAY ASCT1B272E '03.7
http://www.naisrelay.com/
New
1
AQ-H
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED dropout voltage Input LED reverse current Peak OFF-state current Peak ON-state voltage Holding current Critical rate of rise of OFF-state voltage Typical Maximum Typical Maximum Typical Maximum Typical Maximum Typical Maximum Minimum Symbol AQH0213 AQH1213 AQH2213 AQH3213 AQH0223 AQH1223 AQH2223 AQH3223 VF IR IDRM VTM IH dv/dt IFT VZC TON Riso 50 V 10 s 50 G 1.18 V 1.3 V -- 10 A -- 100 A -- 2.5 V -- 25 mA 200 V/s 10 mA -- Condition IF = 10 mA VR = 6 V IF = 0 mA VDRM = 600 V IF = 10 mA ITM = Max.
Output
VDRM = 600 V x1/M2 VD = 6 V RL = 100 IF = 10 mA IF = 20 mA VD = 6 V RL = 100 500 V DC
Trigger LED current* Maximum Transfer characteristics Zero-cross voltage** Turn on time*** I/O isolation resistance Maximum Maximum Minimum
Notes: *Recommended LED current IFT: 20 mA **Applicable part No.: AQH0213, AQH1213, AQH2213 and AQH3213.
***Turn on time
Input
90% Output Ton
DIMENSIONS
Through hole terminal type Surface mount terminal type
MAX.10
mm inch PC board pattern (BOTTOM VIEW)
8-0.8 dia. hole 8-.031 dia. hole MAX. 10 7.62 .300 2.54 .100 7.62 2.54 .300 .100
6.4 .252
7.62 .300 MAX. 10 9.78 .385 3.4 .134
6.4 .252
7.62 .300 1 9.78 .385 3.4 .134
6.4 .252
Tolerance: 0.1 .004 Recommended mounting pad (TOP VIEW)
3.90.2 .154.008 3.0 .118 0.5 .020 1.2 .047 0.5 0.5 .020 .020 1.2 1.2 .047 .047 2.54 2.54 2.54 .100 .100 .100
3.4 .134 0.2 +0.2 -0 .008 +.008 -0
0.5 0.5 .020 0.5 .020 .020 1.2 1.2 .047 1.2 .047 .047 2.54 2.54 2.54 .100 .100 .100
0.5 .020 1.2 .047
0.5 .020 1.2 .047
8.3 .327 1.9 .075 1.5 .059
Terminal thickness: 0.25 .010 General tolerance: 0.1 .004
Terminal thickness: 0.25 .010 General tolerance: 0.1 .004
2.54 2.54 2.54 .100 .100 .100
Tolerance: 0.1 .004
2
AQ-H
SCHEMATIC AND WIRING DIAGRAMS
Notes: E1: Power source at input side; IF: Trigger LED forward current; VL: Load voltage; IL: Load current; Schematic
- 1 + 2 - 3 - 4 - 1 + 2 - 3 - 4 8
E1
ZC Zero-cross circuit
Output configuration
Load
1 2 IF 3 6 5 8 IL
Wiring diagram
Load
VL (AC)
IL
Load
VL (AC)
6
4
5
1a
8
AC
1 E1 2 IF 3 4 6 5
Load
8 IL
Load
VL (AC)
IL
VL (AC)
6 5
REFERENCE DATA
1. ON-state RMS current vs. Ambient temperature characteristics
Allowable ambient temperature: -30C to +85C -22F to +185F
1.5 ON-state RMS current, mA AQH3213, AQH3223 On voltage, V
2. On voltage vs. Ambient temperature characteristics
LED current: 10 mA; ON current: Max. Measured portion: between terminals 6 and 8
1.6
3. Trigger LED current vs. Ambient temperature characteristics
Load voltage: 6 V DC; Load resistance: 100
10 Trigger LED current, mA
1.2
1.4 AQH0213, AQH0223 1.2 AQH1213, AQH1223 AQH2213, AQH2223 1 AQH3213, AQH3223 0.8
8
0.9
AQH2213, AQH2223
6
0.6
AQH1213, AQH1223
4
0.3
AQH0213, AQH0223
2
0 -30 -20
0
20
40
60
80 85 100
0.6 -40 -30 -20
0
20
40
60
80 85
0 -40 -30 -20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
4. LED dropout voltage vs. Ambient temperature characteristics
LED current: 10 to 50 mA
1.5 LED dropout voltage, V
5. Turn on time vs. LED current characteristics
Load voltage: 6 V DC; Load resistance: 100 Measured portion: between terminals 6 and 8
100
6. Repetitive peak OFF-state current vs. Load voltage characteristics
LED current: 0 mA; Measured portion: between terminals 6 and 8; Ambient temperature: 25C 77F
Repetitive peak OFF-state current, A 10-3 10-4 10-5 10-6 10-7 10-8 10-9 10-10 0 20 40 60 80 100
Turn on time, s
1.4
80
1.3 50mA 1.2 30mA 20mA 1.1 10mA
60
40
20
1 -40 -30 -20
0
20
40
60
80 85
0
0
10
20
30
40
50
Ambient temperature, C
LED current, mA
Load voltage, V
7. Hold current vs. Ambient temperature characteristics
25
8. Zero-cross voltage vs. Ambient temperature characteristics
LED current: 10 mA
50
Hold current, mA
20
Zero-cross voltage, V
40 AQH0213, AQH1213, AQH2213, AQH3213
15
AQH1213, AQH1223 AQH2213, AQH2223
30
10
20
5 AQH0213, AQH0223 AQH3213, AQH3223 0 -40 -30 -20 0 20 40 60 80 85
10
0 -40 -30 -20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
3
AQ-H
CAUTIONS FOR USE
1. For cautions regarding use, please refer to '03-'04 Solid State Relays catalog. 2. The internal IC could be damaged if a short forms between the I/O terminals while the solid state relay is powered. 3. Output spike voltages 1) The figure below shows an ordinary circuit. Please add a snubber circuit or varistor, as noise/surge on the load side could damage the unit or cause malfunctions.
1 2 3 4 6 5 8 Load VL(AC)
Note) Connection of an external resister, etc., to terminal No. 5 (gate) is not necessary.
2) Even if spike voltages generated at the load are limited with a clamp diode if the circuit wires are long, spike voltages will occur by inductance. Keep wires as short as possible to minimize inductance. 4. Ripple in the input power supply 1) For LED operate current at Emin, maintain min. 10 mA 2) Keep the LED operate current at 50 mA or less at Emax.
6. Cleaning The solid state relay forms an optical path by coupling a light-emitting diode (LED) and photodiode via transparent silicon resin. For this reason, avoid ultrasonic cleansing if at all possible. We recommend cleaning with an organic solvent. If you cannot avoid using ultrasonic cleansing, please ensure that the following conditions are met, and check beforehand for defects. * Frequency: 27 to 29 kHz * Ultrasonic output: No greater than 0.25 W/cm2 * Cleaning time: No longer than 30 seconds * Cleanser used: Asahiklin AK-225 * Other: Submerge in solvent in order to prevent the PCB and elements from being contacted directly by the ultrasonic vibrations.
Note: Applies to unit area ultrasonic output for ultrasonic baths.
(2) Vapor phase soldering method
T2 T1
t1
t2
T1 = 180 to 200C 366 to 392F T2 = 215C 419F or less t1 = 40 s t2 = 90 s or less (40 s: SOP type)
(3) Double wave soldering method
T2 T1
t1
t2
t3
T1 = 155 to 165C 311 to 329F T2 = 260C 500F or less t1 = 60 s or less t2+t3 = 5 s or less
7. Soldering 1) When soldering PC board terminals, keep soldering time to within 10 s at 260C 500F. 2) When soldering surface-mount terminals, the following conditions are recommended. (1) IR (Infrared reflow) soldering method
T3
Emin.
Emax.
T2 T1
5. When soldering terminals, keep soldering time to within 10s at 260C 500F
t1
t2
T1 = 155 to 165C 311 to 329F T2 = 180C 200C 356 to 392F T3 = 245C 473F or less t1 = 120 s or less t2 = 30 s or less
(4) Soldering iron method Tip temperature: 280 to 300C 536 to 572F Wattage: 30 to 60 W Soldering time: within 5 seconds (5) Others Check mounting conditions before using other soldering methods (hot-air, hot plate, pulse heater, etc.) * The temperature profile indicates the temperature of the soldered terminal on the surface of the PC board. The ambient temperature may increase excessively. Check the temperature under mounting conditions. * The conditions for the infrared reflow soldering apply when preheating using the VPS method.
8. The following shows the packaging format 1) Tape and reel
Type Tape dimensions Dimensions of paper tape reel
210.8 .827.031 801 dia. 3.150.039 dia. 20.5 .079.020
mm inch
0.30.05 .012.002
Tractor feed holes -0 1.5 +0.1 dia. .059 +.004 dia. -0
Direction of picking 40.1 10.10.1 .157.004 .400.004 1.750.1 .069.004 7.50.1 .295.004 160.3 .630.012
8-pin SMD type
4.50.3 .177.012
Device mounted on tape 120.1 .472.004 20.1 .079.004
3002 dia. 11.811.079 dia. 801 dia. 3.150.039 dia.
10.20.1 .402.004 1.550.1 dia. .061.004 dia.
(1) When picked from 1/2/3/4-pin side: Part No. AQHrrrrAX (Shown above) (2) When picked from 5/6/8-pin side: Part No. AQHrrrrAZ
130.5 dia. .512.020 dia. 17.52.0 .689.079 20.5 .079.020
4
AQ-H
2) Tube Devices are packaged in a tube so pin No. 1 is on the stopper B side. Observe correct orientation when mounting them on PC boards. (DIP type)
StopperB
StopperA
9. Transportation and storage 1) Extreme vibration during transport will warp the lead or damage the relay. Handle the outer and inner boxes with care. 2) Storage under extreme conditions will cause soldering degradation, external appearance defects, and deterioration of the characteristics. The following storage conditions are recommended: * Temperature: 0 to 45C 32 to 113F * Humidity: Less than 70% R.H. * Atomosphere: No harmful gasses such as sulfurous acid gas, minimal dust.
5
AQ-H
Internet Homepage North America : http://www.aromat.com/ Europe : http://www.mew-europe.com/ Asia & others : http://www.nais-e.com/ * (Japanese) : http://www.mac-j.co.jp/ * (Chinese) : http://www.cmew.com.cn/
These materials are printed on ECF pulp. These materials are printed with earth-friendly vegetable-based (soybean oil) ink. Please contact ..........
Matsushita Electric Works, Ltd.
Automation Controls Company Head Office: 1048, Kadoma, Kadoma-shi, Osaka 571-8686, Japan Telephone: Japan (81) Osaka (06) 6908-1050 Facsimile: Japan (81) Osaka (06) 6908-5781 http://www.nais-e.com/ COPYRIGHT (c) 2003 All Rights Reserved
ARCT1B272E 200307-3YT 6 Specifications are subject to change without notice. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of AQH3223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X